Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85003-3093 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 85003-3093
Description  2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1關m (40關) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Lead free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

85003-3093 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  85003-3093 Datasheet HTML 1Page - Molex Electronics Ltd. 85003-3093 Datasheet HTML 2Page - Molex Electronics Ltd. 85003-3093 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-85003-002
Sales Drawing
SD-85003-3093
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 85003-3093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85003-3029 MOLEX9-85003-3029 Datasheet
81Kb / 3P
   2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole
85003-3067 MOLEX9-85003-3067 Datasheet
86Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Style C/2 , Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 48 Circuits
More results

Similar Description - 85003-3093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850032529 MOLEX9-0850032529 Datasheet
88Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1關m (40關) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free
0850030141 MOLEX9-0850030141 Datasheet
86Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-Break Pins, 64 Circuits, Lead free
0850030658 MOLEX9-0850030658 Datasheet
88Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-Break Pins, 96 Circuits, Lead free
0850031457 MOLEX9-0850031457 Datasheet
86Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-Break 6 Pins, 64 Circuits, Lead free
0850032385 MOLEX9-0850032385 Datasheet
79Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits, First-Mate-Last-Break Option Available
0850030701 MOLEX9-0850030701 Datasheet
83Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1關m (40關) Selective Gold (Au), 48 Circuits, Lead free
0850030610 MOLEX9-0850030610 Datasheet
84Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1關m (40關") Selective Gold (Au), 64 Circuits, Lead free
0850030294 MOLEX9-0850030294 Datasheet
86Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1關m (40關) Selective Gold (Au), 96 Circuits, Lead free
0850030062 MOLEX9-0850030062 Datasheet
84Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 48 Circuits, Lead free
0850133196 MOLEX9-0850133196 Datasheet
172Kb / 6P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1關m (40關) Selective Gold (Au), 48 Circuits, Lead free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com