Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0758270103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0758270103
Description  1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Open Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0758270103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0758270103 Datasheet HTML 1Page - Molex Electronics Ltd. 0758270103 Datasheet HTML 2Page - Molex Electronics Ltd. 0758270103 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0758270103
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX® Backplane Connector System,
Open Header, 40 Circuits, Gold (Au) 0.76µm (30µ"), Pin Length 3.55mm (.140")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75827
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Open Header
Component Type
PCB Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Gray (Dark)
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
2
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.087 In
PC Tail Length (mm)
2.20 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.073 In
Pitch - Term. Interface (mm)
1.85 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75827Series
Mates With
75650 GbX® Daughtercard
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
GbX® 2 Pair by 10
Wide Differential
Insertion Tool
0622022410


Similar Part No. - 0758270103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758270104 MOLEX9-0758270104 Datasheet
184Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System, Open Header, 40 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
0758270105 MOLEX9-0758270105 Datasheet
184Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Open Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 5.55mm (.219)
More results

Similar Description - 0758270103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758270203 MOLEX9-0758270203 Datasheet
184Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0754330503 MOLEX9-0754330503 Datasheet
254Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 30 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0754330103 MOLEX9-0754330103 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752370203 MOLEX9-0752370203 Datasheet
285Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Open Header, 250 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752350103 MOLEX9-0752350103 Datasheet
263Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Open Header, 80 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0754330203 MOLEX9-0754330203 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 150 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0758274103 MOLEX9-0758274103 Datasheet
215Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0758272103 MOLEX9-0758272103 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752370103 MOLEX9-0752370103 Datasheet
286Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0752350703 MOLEX9-0752350703 Datasheet
262Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Open Header, 56 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com