Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPB-59 Datasheet(PDF) 2 Page - Sanken electric

Part # SFPB-59
Description  Schottky Barrier Diodes (Surface Mount) 60V, 90V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SFPB-59 Datasheet(HTML) 2 Page - Sanken electric

  SFPB-59 Datasheet HTML 1Page - Sanken electric SFPB-59 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Temperature T (
°C)
T —IF(AV) Characteristics
0
1
5
50
10
20ms
2
8
6
4
10
SFPB-59
SFPB-69
20
10
1
0.1
0.01
0.001
4
1
0.1
0.01
0.0005
0.001
0.2
0.4
0.6
0.8
0
1.0
1.2
Ta 125ºC
=
100ºC
60ºC
25ºC
10
50
30
70
90
110
100
ºC
Ta 125ºC
=
60
ºC
25
ºC
99
025
50
40
75
100
125
0
0.2
0.4
0.6
0.8
1.0
t 1.6 P.C.B
Solder Land
=
3.0 35
µmCu
50
75
100
125
0
0.3
0.6
0.9
1.5
1.2
50
10
1
0.1
0.01
0.001
10
1
0.001
0.01
0.1
0.2
1.0
1.4
1.6
1.2
0
0.4 0.6 0.8
10
50 60 70 80 90 100
0
20 30 40
t / T 1/6
=
t / T 1/2
=
D.C.
t / T 1/ 3
=
Sinewave
Ta 125ºC
=
100ºC
60ºC
25ºC
125ºC
100ºC
60ºC
25ºC
t
T
10
20
40
30
0
1
5
50
10
20ms
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Tj =125ºC
VR=90V


Similar Part No. - SFPB-59

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPB-52 SANKEN-SFPB-52 Datasheet
22Kb / 1P
   Schottky Barrier Diodes (Surface Mount) 20V
SFPB-54 SANKEN-SFPB-54 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
SFPB-54 SANKEN-SFPB-54 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
SFPB-56 SANKEN-SFPB-56 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - SFPB-59

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AK09 SANKEN-AK09 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
List of Unclassifed Man...
EK19 ETC1-EK19 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
Sanken electric
FMB-G19L SANKEN-FMB-G19L Datasheet
36Kb / 2P
   Schottky Barrier Diodes 90V
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
   Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
FMB-G16L SANKEN-FMB-G16L Datasheet
39Kb / 2P
   Schottky Barrier Diodes 60V
logo
List of Unclassifed Man...
AK06 ETC-AK06 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
Sanken electric
AK06 SANKEN-AK06 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com