Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87620-1001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 87620-1001
Description  1.27mm (.050) Pitch SCA-2 Receptacle, Through Hole, Right Angle, Extended Height, Reverse D Mate, Leadfree
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87620-1001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  87620-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 87620-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 87620-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 87620-1001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 87620-1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8762060100 ETC2-8762060100 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
8762060100 ETC2-8762060100 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
87620601000 ETC2-87620601000 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
87620601000 ETC2-87620601000 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
876206010000 ETC2-876206010000 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
More results

Similar Description - 87620-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0870121008 MOLEX9-0870121008 Datasheet
206Kb / 5P
   1.27mm (.050") Pitch SCA-2 Plug, Through Hole, Right Angle, 40 Circuits, Lead-free
0738290001 MOLEX8-0738290001 Datasheet
300Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical, Press-fit, Extended Height, SCA-2, 80 Circuits
0740650001 MOLEX8-0740650001 Datasheet
292Kb / 4P
   1.27mm (.050") Pitch GBIC Receptacle; EBBI™ 50D Receptacle, Right Angle SCA-2, 20 Circuits
0740650005 MOLEX8-0740650005 Datasheet
292Kb / 4P
   1.27mm (.050") Pitch GBIC Receptacle EBBI™ 50D Receptacle, Right Angle SCA-2, 20 Circuits
0483256002 MOLEX6-0483256002 Datasheet
180Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole
0483254001 MOLEX6-0483254001 Datasheet
180Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole
0483251104 MOLEX6-0483251104 Datasheet
177Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole
0717431041 MOLEX8-0717431041 Datasheet
178Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical SCA-2, 40 Circuits
0717431044 MOLEX8-0717431044 Datasheet
177Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical SCA-2, 40 Circuits
0717431040 MOLEX8-0717431040 Datasheet
178Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical SCA-2, 40 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com