Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75433-4134 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 75433-4134
Description  1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Right Guide Header, 60 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75433-4134 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  75433-4134 Datasheet HTML 1Page - Molex Electronics Ltd. 75433-4134 Datasheet HTML 2Page - Molex Electronics Ltd. 75433-4134 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 75433-4134

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75433-4103 MOLEX9-75433-4103 Datasheet
249Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Right Guide Header
75433-4104 MOLEX-75433-4104 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75433-4104 MOLEX9-75433-4104 Datasheet
249Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector SystemRight Guide Header, 60 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
75433-4105 MOLEX9-75433-4105 Datasheet
250Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector SystemRight Guide Header, 60 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 5.55mm (.219")
75433-4114 MOLEX9-75433-4114 Datasheet
250Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Right Guide Header
More results

Similar Description - 75433-4134

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0754334234 MOLEX9-0754334234 Datasheet
250Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Right Guide Header, 150 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0754334104 MOLEX9-0754334104 Datasheet
249Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector SystemRight Guide Header, 60 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
0754334254 MOLEX9-0754334254 Datasheet
648Kb / 5P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector System, Right Guide Header, 150 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
0754330104 MOLEX9-0754330104 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0754332204 MOLEX9-0754332204 Datasheet
241Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Left Guide Header, 150 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0752354104 MOLEX9-0752354104 Datasheet
293Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Right Guide Header, 80 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0758274204 MOLEX9-0758274204 Datasheet
215Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0758272154 MOLEX9-0758272154 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System,Right Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
0758274104 MOLEX9-0758274104 Datasheet
215Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 40 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0752354204 MOLEX9-0752354204 Datasheet
293Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane Connector System, Right Guide Header, 200 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com