Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0872643253 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0872643253
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 32 Circuits, Leadfree
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0872643253 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0872643253 Datasheet HTML 1Page - Molex Electronics Ltd. 0872643253 Datasheet HTML 2Page - Molex Electronics Ltd. 0872643253 Datasheet HTML 3Page - Molex Electronics Ltd. 0872643253 Datasheet HTML 4Page - Molex Electronics Ltd. 0872643253 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0872643253
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Side Entry, Through Hole, 0.76µm (30µ")
Gold (Au) Selective, 32 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87264 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87264
Application
Board-to-Board
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
32
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.100 In
PC Tail Length (mm)
2.55 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to PCB
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87264Series
Mates With
87758 , 87759 , 87760


Similar Part No. - 0872643253

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872643252 MOLEX9-0872643252 Datasheet
225Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.38關m (15關) Gold (Au) Selective, 32 Circuits, Leadfree
More results

Similar Description - 0872643253

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872643053 MOLEX9-0872643053 Datasheet
224Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 30 Circuits, Leadfree
0872644453 MOLEX9-0872644453 Datasheet
225Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 44 Circuits, Leadfree
0872644653 MOLEX9-0872644653 Datasheet
224Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關")Gold (Au) Selective, 46 Circuits, Leadfree
0872642453 MOLEX9-0872642453 Datasheet
225Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關")Gold (Au) Selective, 24 Circuits, Leadfree
0872645053 MOLEX9-0872645053 Datasheet
224Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 50 Circuits, Leadfree
0872643853 MOLEX9-0872643853 Datasheet
224Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 38 Circuits, Leadfree
0872641453 MOLEX9-0872641453 Datasheet
224Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 14 Circuits, Leadfree
0872644053 MOLEX9-0872644053 Datasheet
224Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 40 Circuits, Leadfree
0872640853 MOLEX9-0872640853 Datasheet
224Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 8 Circuits, Leadfree
0872641853 MOLEX9-0872641853 Datasheet
225Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 18 Circuits, Leadfree
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com