Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850159008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850159008
Description  2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 0.6關m (24關) Selective Gold (Au), 128 Circuits, Lead Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850159008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850159008 Datasheet HTML 1Page - Molex Electronics Ltd. 0850159008 Datasheet HTML 2Page - Molex Electronics Ltd. 0850159008 Datasheet HTML 3Page - Molex Electronics Ltd. 0850159008 Datasheet HTML 4Page - Molex Electronics Ltd. 0850159008 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-85015-001
Product Specification
PS-85013-0002
Sales Drawing
SD-85015-9008, SDA-85015-0001
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850159008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850159004 MOLEX9-0850159004 Datasheet
153Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, 4-Row, Style R, Through Hole, Press-fit, Male, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-BreakPins, 128 Circuits
0850159005 MOLEX9-0850159005 Datasheet
195Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, 4-Row Through Hole, Press-fit, Vertical, Style R
0850159006 MOLEX9-0850159006 Datasheet
87Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 0.6關m (24關) Selective Gold (Au), 128 Circuits, Lead Free
More results

Similar Description - 0850159008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850159006 MOLEX9-0850159006 Datasheet
87Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 0.6關m (24關) Selective Gold (Au), 128 Circuits, Lead Free
0850150311 MOLEX9-0850150311 Datasheet
84Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 0.6關m (24關") Gold (Au), 128 Circuit, Lead Free
0850131938 MOLEX9-0850131938 Datasheet
139Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 0.6關m (24關) Selective Gold (Au), 64 Circuits, Lead free
0850131677 MOLEX9-0850131677 Datasheet
146Kb / 5P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse,0.6關m (24關") Selective Gold (Au), 64 Circuits, Lead free
0850130012 MOLEX9-0850130012 Datasheet
139Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 64 Circuits, 0.6關m (24關) Selective Gold (Au), Lead free
0850150141 MOLEX9-0850150141 Datasheet
81Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse, Vertical, Through Hole, 0.6關m (24關) Gold (Au), 128 Circuits, Lead free
0850150024 MOLEX9-0850150024 Datasheet
79Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse, 0.6關m (24關) Selective Gold (Au), 128 Circuits, Lead free
0850130165 MOLEX9-0850130165 Datasheet
92Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 0.6關m (24關) Selective Gold (Au), 96 Circuits, Lead free
0850130074 MOLEX9-0850130074 Datasheet
278Kb / 8P
   2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 0.6關m (24關) Selective Gold (Au), 48 Circuits, Lead free
0850150036 MOLEX9-0850150036 Datasheet
79Kb / 3P
   2.54mm (.100) Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse, 0.6關m (24關) Selective Gold (Au), 128 Circuits, Lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com