Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78448-0011 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 78448-0011
Description  1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tray Packaging, Lead-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

78448-0011 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  78448-0011 Datasheet HTML 1Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 2Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 3Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 4Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 5Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 6Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 7Page - Molex Electronics Ltd. 78448-0011 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 78448-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78448-0001 MOLEX9-78448-0001 Datasheet
426Kb / 8P
   1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tape on Reel Packaging, Lead-free
More results

Similar Description - 78448-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0784480001 MOLEX9-0784480001 Datasheet
426Kb / 8P
   1.27mm (.050) Pitch Serial ATA Device Plug, Straddle Mount, with Latch, 22 Circuits, Tape on Reel Packaging, Lead-free
0877030001 MOLEX9-0877030001 Datasheet
322Kb / 6P
   1.27mm (.050") Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tray Packaging
0877030067 MOLEX9-0877030067 Datasheet
321Kb / 6P
   1.27mm (.050) Pitch Serial ATA Device Plug, 2.5" Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
0782850001 MOLEX9-0782850001 Datasheet
349Kb / 7P
   1.27mm (.050) Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without with flanged tabbed housing, 16 circuits, Tray, Lead-free
0674929220 MOLEX7-0674929220 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921320 MOLEX7-0674921320 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height5.25mm (.207"), Gold (Au) Flash, 22 Circuits, Tray Packaging, Lead Free
0674921120 MOLEX7-0674921120 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0674921420 MOLEX7-0674921420 Datasheet
221Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.90mm (.232"), Gold (Au) Flash, Tray Packaging, 22 Circuits, Lead Free
0784770001 MOLEX9-0784770001 Datasheet
353Kb / 6P
   1.27mm (.050") Pitch SAS Plug, Straddle Mount, 0.76關m (30關") Gold (Au) Plating, 22 Circuits, Lead-free
0470805001 MOLEX6-0470805001 Datasheet
184Kb / 4P
   1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com