Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87636-2002 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 87636-2002
Description  1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Beige Latch, Single Key, with Beveled Metal Pins, 2.5V Left Voltage Key, 3.23mm (.127) Tail Length
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87636-2002 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  87636-2002 Datasheet HTML 1Page - Molex Electronics Ltd. 87636-2002 Datasheet HTML 2Page - Molex Electronics Ltd. 87636-2002 Datasheet HTML 3Page - Molex Electronics Ltd. 87636-2002 Datasheet HTML 4Page - Molex Electronics Ltd. 87636-2002 Datasheet HTML 5Page - Molex Electronics Ltd. 87636-2002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 87636-2002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87636-2012 MOLEX9-87636-2012 Datasheet
263Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Beige Latch, Single Key, with Beveled Metal Pins, 2.5V Left Voltage Key, 2.67mm (.105) Tail Length
More results

Similar Description - 87636-2002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876362102 MOLEX9-0876362102 Datasheet
263Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Black Latch, Single Key, with Beveled Metal Pins, 2.5V Left Voltage Key, 3.23mm (.127) Tail Length
0876362012 MOLEX9-0876362012 Datasheet
263Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Beige Latch, Single Key, with Beveled Metal Pins, 2.5V Left Voltage Key, 2.67mm (.105) Tail Length
0876363012 MOLEX9-0876363012 Datasheet
263Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Beige Latch, Single Key, with Beveled Metal Pins
0480062111 MOLEX6-0480062111 Datasheet
237Kb / 3P
   1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Blue Housing, Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key
0480061102 MOLEX6-0480061102 Datasheet
237Kb / 3P
   1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing,Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key, 2.79mm(.110") Tail Length
0876232012 MOLEX9-0876232012 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
0876232001 MOLEX9-0876232001 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
0876232111 MOLEX9-0876232111 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
0876232011 MOLEX9-0876232011 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
0876232115 MOLEX9-0876232115 Datasheet
302Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.18mm (.125) Tail Length
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com