Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0752270014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0752270014
Description  1.85 by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Daughtercard Guidance Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0752270014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0752270014 Datasheet HTML 1Page - Molex Electronics Ltd. 0752270014 Datasheet HTML 2Page - Molex Electronics Ltd. 0752270014 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0752270014
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85 by 1.85mm (.073 by .073") Pitch 4-Pair GbX® Daughtercard Guidance Module
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
75227
Application
Daughtercard
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Daughtercard Module, Guidance
Component Type
Guide
More Detailed Tech Information
I-Trac@molex.com
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Breakaway
No
Circuits (Loaded)
0
Color - Resin
Gray (Dark)
Durability (mating cycles max)
250
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
4
Number of Rows
0
Orientation
Right Angle
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
1A
Data Rate
8.0 Gbps
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-75227-001
GbX is a registered trademark of Amphenol Corporation.
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75227Series
Mates With
GbX® Backplane Headers 75235 , 75237


Similar Part No. - 0752270014

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0752.1242 SCHURTER-0752.1242 Datasheet
212Kb / 2P
   Clip, 5 x 20 mm, Version 1
0752.1243 SCHURTER-0752.1243 Datasheet
212Kb / 2P
   Clip, 5 x 20 mm, Version 1
logo
Molex Electronics Ltd.
0752340478 MOLEX11-0752340478 Datasheet
27Kb / 2P
   GbX I-Trac Backplane Free Standing Wide Guide Pin
0752341469 MOLEX9-0752341469 Datasheet
244Kb / 2P
   Backplane Free Standing Guide Pin Use with 1.6mm-5.0mm PC Board Thickness
0752341470 MOLEX9-0752341470 Datasheet
225Kb / 2P
   Backplane Wide Guide Pin Free Standing Use with 1.6mm-5.0mm PC Board Thickness
More results

Similar Description - 0752270014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0753770013 MOLEX9-0753770013 Datasheet
261Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Daughtercard Guidance Module
75220 MOLEX-75220 Datasheet
260Kb / 2P
   1.85 by 1.85mm (.073 by .073") Pitch GbX짰 Module-to-Backplane Connector System In 4- and 5-Pair Columns
0753416664 MOLEX9-0753416664 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits
0753425535 MOLEX9-0753425535 Datasheet
319Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 16 Circuits
0753416476 MOLEX9-0753416476 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits
0753414676 MOLEX9-0753414676 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Power Module, 12 Circuits
0754334204 MOLEX9-0754334204 Datasheet
249Kb / 3P
   1.85mm by 1.85mm (.073 by .073
0753310666 MOLEX9-0753310666 Datasheet
339Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector System, Power Module, 6 Circuits
0755177766 MOLEX9-0755177766 Datasheet
332Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX짰 Backplane Connector System, Power Module, 10 Circuits
0752350204 MOLEX9-0752350204 Datasheet
263Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System, Open Header, 200 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com