Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE005N Datasheet(PDF) 1 Page - Sanken electric

Part # SE005N
Description  Error Amplifier ICs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SE005N Datasheet(HTML) 1 Page - Sanken electric

  SE005N Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sError Amplifier ICs (SE series)
Collector-Ground Voltage
VCGO (V)
12
50
150
Absolute Maximum Ratings (Ta=25
°C)
Collector Current
Ic (mA)
20
Electrical Characteristics
(Ta=25
°C)
Output Detection
Voltage
VS (V)
5.0
±0.1
12.0
±0.2
15.0
±0.2
24.0
±0.2
34.0
±0.3
40.0
±0.4
70.2
±0.8
80.2
±0.8
90.0
±0.8
105.2
±0.8
110.2
±0.8
115.2
±0.8
120.2
±0.8
125.2
±0.8
130.2
±0.8
135.2
±0.8
141.2
±0.8
Operating
Temperature
TOP (
°C)
–20 to +125 (TC)
sVariable Voltage Detection Type Error Amplifier ICs
Collector-Ground Voltage
VCGO (V)
150
Absolute Maximum Ratings (Ta=25
°C)
Part No.
SE-B3
Collector Current
Ic (mA)
20
Electrical Characteristics
(Ta=25
°C)
Output Detection
Voltage
VS (V)
141.2
±0.6
Condition
IIN=4mA, RC=9.1k
RS=88.7k
Operating
Temperature
TOP (
°C)
–20 to +125 (TC)
Remarks
Low Vs
High Vs
sExternal Dimensions
a. Part Number
b. Lot Number
Forming No.12
(unit: mm)
10.2±0.2
4.8±0.2
2.0±0.1
1.7±0.2
2.5±0.1
1.35±0.15
2.5±0.1
2.5±0.5
0.65
+0.2
–0.1
3.75±0.1
φ
SE
a
N
b
12
3
Part No.
SE005N
012N
015N
024N
034N
040N
070N
080N
090N
105N
110N
115N
120N
125N
130N
135N
140N
Remarks
Variable voltage detection
Gain adjustment possible


Similar Part No. - SE005N

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
SE000 PICO-SE000 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
SE001 PICO-SE001 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
SE002 PICO-SE002 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
SE003 PICO-SE003 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
SE004 PICO-SE004 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
More results

Similar Description - SE005N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712 FAIRCHILD-FOD2712 Datasheet
581Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A Datasheet
619Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com