Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0781191178 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0781191178
Description  0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 17 Circuits, Lead Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0781191178 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0781191178 Datasheet HTML 1Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 2Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 3Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 4Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 5Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 6Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 7Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 8Page - Molex Electronics Ltd. 0781191178 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0781191178
Status:
Active
Overview:
ffc_fpc_smt
Description:
0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 17
Circuits, Lead Free
Documents:
3D Model
Product Specification PS-78119-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
78119
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
17
Color - Resin
Natural
Contact Position
N/A
Durability (mating cycles max)
20
Entry Angle
Vertical
Flammability
94V-0
Mated Height (in)
0.161 In
Mated Height (mm)
4.10 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold, Nickel
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-78119-001
Product Specification
PS-78119-001
Sales Drawing
SD-78119-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78119Series
Mates With
Standard FFC/FPC Cables


Similar Part No. - 0781191178

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0781191108 MOLEX9-0781191108 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 10 Circuits, Lead Free
0781191118 MOLEX9-0781191118 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 11 Circuits, Lead Free
0781191128 MOLEX9-0781191128 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 12 Circuits, Lead Free
0781191138 MOLEX9-0781191138 Datasheet
593Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 13 Circuits, Lead Free
0781191148 MOLEX9-0781191148 Datasheet
593Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 14 Circuits
More results

Similar Description - 0781191178

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0781271178 MOLEX9-0781271178 Datasheet
592Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 17 Circuits, Lead Free
0781191318 MOLEX9-0781191318 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 31 Circuits, Lead Free
0781191268 MOLEX9-0781191268 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 26 Circuits, Lead Free
0781191218 MOLEX9-0781191218 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 21 Circuits, Lead Free
0781191198 MOLEX9-0781191198 Datasheet
593Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 19 Circuits, Lead Free
0781191378 MOLEX9-0781191378 Datasheet
593Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 37 Circuits, Lead Free
0781191168 MOLEX9-0781191168 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 16 Circuits, Lead Free
0781191228 MOLEX9-0781191228 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 22 Circuits, Lead Free
0781191118 MOLEX9-0781191118 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 11 Circuits, Lead Free
0781191188 MOLEX9-0781191188 Datasheet
593Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 18 Circuits, Lead Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com