Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87609-0062 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87609-0062
Description  1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87609-0062 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87609-0062 Datasheet HTML 1Page - Molex Electronics Ltd. 87609-0062 Datasheet HTML 2Page - Molex Electronics Ltd. 87609-0062 Datasheet HTML 3Page - Molex Electronics Ltd. 87609-0062 Datasheet HTML 4Page - Molex Electronics Ltd. 87609-0062 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reference - Drawing Numbers
Product Specification
PS-87609-002
Sales Drawing
SD-87609-001
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87609-0062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87609-0061 MOLEX9-87609-0061 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.18mm (.125") Tail Length,
87609-0069 MOLEX9-87609-0069 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140") Tail Length,
More results

Similar Description - 87609-0062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876090171 MOLEX9-0876090171 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches
0876090071 MOLEX9-0876090071 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140) Tail Length
0876090153 MOLEX9-0876090153 Datasheet
302Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090152 MOLEX9-0876090152 Datasheet
302Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110") Tail Length
0876090052 MOLEX9-0876090052 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090051 MOLEX9-0876090051 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090053 MOLEX9-0876090053 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins
0876090162 MOLEX9-0876090162 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins
0876090061 MOLEX9-0876090061 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.18mm (.125") Tail Length,
0876090069 MOLEX9-0876090069 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140") Tail Length,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com