Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0876224004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0876224004
Description  6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS P Receptacle, Through Hole, Vertical, Power Beta 2, Signal 24
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876224004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0876224004 Datasheet HTML 1Page - Molex Electronics Ltd. 0876224004 Datasheet HTML 2Page - Molex Electronics Ltd. 0876224004 Datasheet HTML 3Page - Molex Electronics Ltd. 0876224004 Datasheet HTML 4Page - Molex Electronics Ltd. 0876224004 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0876224004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876224002 MOLEX9-0876224002 Datasheet
253Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PS- P Receptacle, Through Hole, Vertical, Power Beta 4, Signal 24, Power Alpha 4
0876224003 MOLEX9-0876224003 Datasheet
253Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Through Hole, Vertical, Power Beta 3, Signal 24, Power Alpha 3
More results

Similar Description - 0876224004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876224002 MOLEX9-0876224002 Datasheet
253Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PS- P Receptacle, Through Hole, Vertical, Power Beta 4, Signal 24, Power Alpha 4
0876224003 MOLEX9-0876224003 Datasheet
253Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Through Hole, Vertical, Power Beta 3, Signal 24, Power Alpha 3
0876331024 MOLEX9-0876331024 Datasheet
402Kb / 6P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PS- P Receptacle, Press-fit, Vertical, 28 Circuits, Power Beta 2, Signal 24
0876331004 MOLEX9-0876331004 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 30 Circuits, Power Beta 2, Signal 24
0876331013 MOLEX9-0876331013 Datasheet
402Kb / 6P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus PS-P Receptacle
0876322008 MOLEX9-0876322008 Datasheet
230Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus PS-P Receptacle
0876331003 MOLEX9-0876331003 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 30 Circuits, Power Beta 3, Signal 24
0876331002 MOLEX9-0876331002 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS P Receptacle, Press-fit, Vertical, 32 Circuits, Power Beta 4, Signal 24
0876331014 MOLEX9-0876331014 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 22 Circuits, Power Beta 2, Signal 16
0876331005 MOLEX9-0876331005 Datasheet
402Kb / 6P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Press-fit, Vertical, 52 Circuits, Power Beta 2, Signal 48
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com