Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0876639006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876639006
Description  Description: 6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus??Board-to-BoardHeader, Through Hole, Right
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876639006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876639006 Datasheet HTML 1Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 2Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 3Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 4Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876639006
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")
Pitch Signal, EXTreme PowerPlus™ Board-to-BoardHeader, Through Hole, Right
Angle, 32 Circuits, Power Alpha 3, Signal 24, Power Beta 5, Long Contact, with Bevel
Documents:
3D Model
Product Specification PS-87663-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87663
Application
Board-to-Board
Comments
<LI>Long Blade
Overview
extreme_powerplus_ssi
Product Name
EXTreme PowerPlus™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits Detail
Power Alpha 3, Signal 24, Power Beta 5
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In, 0.300 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm, 7.62 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A, 30A, 50A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87663Series
Mates With
87664 PCB Receptacle with Beveled Metal
Pins. 87734 Vertical PCB Receptacle


Similar Part No. - 0876639006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876639000 MOLEX9-0876639000 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Board-to-Board Header
0876639001 MOLEX9-0876639001 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Board-to-Board Header, Through Hole
0876639002 MOLEX9-0876639002 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100") Pitch Signal
0876639003 MOLEX9-0876639003 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus??Board-to-Board Header, Through Hole, RightAngle, 32 Circuits, Power Alpha 3, Signal 24, Power Beta 5, Long Contact, with Bevel
0876639004 MOLEX9-0876639004 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Board-to-Board Header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com