Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0876639006 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0876639006
Description  Description: 6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus??Board-to-BoardHeader, Through Hole, Right
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876639006 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0876639006 Datasheet HTML 1Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 2Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 3Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 4Page - Molex Electronics Ltd. 0876639006 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 0876639006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876639000 MOLEX9-0876639000 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Board-to-Board Header
0876639001 MOLEX9-0876639001 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Board-to-Board Header, Through Hole
0876639002 MOLEX9-0876639002 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100") Pitch Signal
0876639003 MOLEX9-0876639003 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus??Board-to-Board Header, Through Hole, RightAngle, 32 Circuits, Power Alpha 3, Signal 24, Power Beta 5, Long Contact, with Bevel
0876639004 MOLEX9-0876639004 Datasheet
302Kb / 5P
   6.35mm (.250) Pitch Power (DC), 7.62mm (.300) Pitch Power (AC), 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Board-to-Board Header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com