Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877003005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877003005
Description  6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Through Hole, with Beveled Metal Pins, Right Angle, Signal 16, PowerAlpha 4, 20 Circuits, Leadfree
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877003005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877003005 Datasheet HTML 1Page - Molex Electronics Ltd. 0877003005 Datasheet HTML 2Page - Molex Electronics Ltd. 0877003005 Datasheet HTML 3Page - Molex Electronics Ltd. 0877003005 Datasheet HTML 4Page - Molex Electronics Ltd. 0877003005 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877003005
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus™ Pa-
S Receptacle, Through Hole, with Beveled Metal Pins, Right Angle, Signal 16, Power
Alpha 4, 20 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87631-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
87700
Application
Board-to-Board
Comments
No Recessed Power Circuit Position
Overview
extreme_powerplus_ssi
Product Literature Order No
987650-3002
Product Name
EXTreme PowerPlus™
Physical
Circuits (Loaded)
20
Circuits Detail
Signal 16, Power Alpha 4
Color - Resin
Black
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm
Pitch - Term. Interface (in)
0.100 In, 0.125 In
Pitch - Term. Interface (mm)
2.54 mm, 3.18 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87700Series
Mates With
87696 EXTreme PowerPlus™ Pa-S Header


Similar Part No. - 0877003005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877003002 MOLEX9-0877003002 Datasheet
232Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com