Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0759001262 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0759001262
Description  3.50mm (.138") Pitch, MX150??Dual Row Header, Breakaway, Right Angle, 12Circuits, 1.25關m (50關") Nickel (Ni) Overall, 2.50關m (100關") Minimum Select Matte Tin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0759001262 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0759001262 Datasheet HTML 1Page - Molex Electronics Ltd. 0759001262 Datasheet HTML 2Page - Molex Electronics Ltd. 0759001262 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0759001262
Status:
Active
Overview:
mx150_unshrouded_breakaway_header
Description:
3.50mm (.138") Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 12
Circuits, 1.25µm (50µ") Nickel (Ni) Overall, 2.50µm (100µ") Minimum Select Matte Tin
(Sn) Plating on Tail, 0.05µm Minimum Select Gold (Au) Contact Area, 4.75mm (.187")
PC Tail Length
Documents:
Application Specification (PDF)
Packaging Specification (PDF)
3D Model
Product Specification PS-75757-000 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
75900
Application
Wire-to-Board
Overview
mx150_unshrouded_breakaway_header
Product Name
MX150™
Physical
Breakaway
Yes
Circuits (Loaded)
12
Circuits (maximum)
12
Circuits Detail
12
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.190 In
PC Tail Length (mm)
4.75 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Pitch - Term. Interface (in)
0.138 In
Pitch - Term. Interface (mm)
3.50 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.50
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.25
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75900Series
Use With
MX150 ™ Receptacles Dual Row Housings
33472


Similar Part No. - 0759001262

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0759001261 MOLEX9-0759001261 Datasheet
137Kb / 3P
   3.50mm (.138) Pitch, MX150??Dual Row Header, Breakaway, Right Angle, 12 Circuits, 1.25關m (50關) Nickel (Ni) Overall
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com