Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877057030 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0877057030
Description  1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm(.100") Tail Length, White Latches, Nylon 6/6 Glass-filled, Green Housing, Gold (Au)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877057030 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0877057030 Datasheet HTML 3Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 4Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 5Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 6Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 7Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 8Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 9Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 10Page - Molex Electronics Ltd. 0877057030 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image


Similar Part No. - 0877057030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877057001 MOLEX9-0877057001 Datasheet
672Kb / 11P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm(.100") Tail Length, White Latches, Nylon 6/6 Glass-filled, Black Housing, 0.25關m10關") Gold (Au) Plating, Beveled Metal Pins Width 2.70mm (.106"), Lead Free
0877057004 MOLEX9-0877057004 Datasheet
681Kb / 11P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length
0877057020 MOLEX9-0877057020 Datasheet
673Kb / 12P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length
0877057022 MOLEX9-0877057022 Datasheet
672Kb / 12P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
0877057023 MOLEX9-0877057023 Datasheet
673Kb / 12P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com