Electronic Components Datasheet Search |
|
0781271198 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0781271198 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 9 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0781271198 Status: Active Overview: ffc_fpc_smt Description: 0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 19 Circuits, Lead Free Documents: 3D Model Product Specification PS-78119-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family FFC/FPC Connectors Series 78127 Overview ffc_fpc_smt Product Name N/A Physical Circuits (Loaded) 19 Circuits (maximum) 19 Color - Resin Natural Contact Position N/A Durability (mating cycles max) 20 Entry Angle Vertical Flammability 94V-0 Mated Height (in) 0.161 In Mated Height (mm) 4.10 mm Material - Metal Copper Alloy Material - Plating Mating Gold, Nickel Number of Rows 1 Orientation Vertical PCB Locator No PCB Retention None Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.020 In Pitch - Mating Interface (mm) 0.50 mm Pitch - Term. Interface (in) 0.020 In Pitch - Term. Interface (mm) 0.50 mm Polarized to PCB No Stackable No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 0.5A Voltage - Maximum 50V AC Material Info Reference - Drawing Numbers Product Specification PS-78119-001 Sales Drawing SD-78127-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 78127Series Mates With Standard FFC/FPC Cables |
Similar Part No. - 0781271198 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |