Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79107-7272 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 79107-7272
Description  2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row1.91mm (.075") Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 46 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

79107-7272 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  79107-7272 Datasheet HTML 1Page - Molex Electronics Ltd. 79107-7272 Datasheet HTML 2Page - Molex Electronics Ltd. 79107-7272 Datasheet HTML 3Page - Molex Electronics Ltd. 79107-7272 Datasheet HTML 4Page - Molex Electronics Ltd. 79107-7272 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Sales Drawing
SDA-79107-****
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 79107-7272

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79107-7270 MOLEX9-79107-7270 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length
79107-7271 MOLEX9-79107-7271 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 44 Circuits
79107-7273 MOLEX9-79107-7273 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row,1.91mm (.075") Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 48 Circuits,Leadfree
79107-7274 MOLEX9-79107-7274 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row,1.91mm (.075") Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 50 Circuits,Leadfree
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com