Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0874210000 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0874210000
Description  1.50mm (.059") Pico-SPOX??Crimp Terminal, Female, Tin(Sn), 24-30 AWG, Reel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0874210000 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0874210000 Datasheet HTML 1Page - Molex Electronics Ltd. 0874210000 Datasheet HTML 2Page - Molex Electronics Ltd. 0874210000 Datasheet HTML 3Page - Molex Electronics Ltd. 0874210000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0874210000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
08742-2028 KEYSIGHT-08742-2028 Datasheet
845Kb / 6P
   8761A/B Microwave Switches
July 5, 2017
logo
Molex Electronics Ltd.
0874270202 MOLEX9-0874270202 Datasheet
257Kb / 4P
   4.20mm (.165") Mini-Fit Jr. Header, Right Angle, High Temperature, without Flange, 2 Circuits
0874270202 MOLEX1-0874270202_18 Datasheet
40Kb / 2P
   Mini-Fit Jr. Header, 4.20mm Pitch, Right Angle, without Flange, 2 Circuits, Tin (Sn) over Nickel (Ni) Plating
0874270203 MOLEX9-0874270203 Datasheet
172Kb / 4P
   4.20mm (.165) Mini-Fit Jr.??Header, Right Angle, High Temperature, without Flange, 2 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible
0874270212 MOLEX9-0874270212 Datasheet
172Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, High Temperature, with Flange, 2 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com