Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75757-1382 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 75757-1382
Description  3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, 0.75關m(30關") Select Gold (Au) Plating, 11.20mm (.441") Mating Pin Length, 4.75mm (.187")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75757-1382 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  75757-1382 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-1382 Datasheet HTML 2Page - Molex Electronics Ltd. 75757-1382 Datasheet HTML 3Page - Molex Electronics Ltd. 75757-1382 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 75757-1382

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-1301 MOLEX-75757-1301 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
75757-1302 MOLEX-75757-1302 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
75757-1302 MOLEX9-75757-1302 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 20 Circuits, 0.75關m (30關) Select Gold (Au) Plating, 11.20mm (.441) Mating Pin Length
75757-1322 MOLEX9-75757-1322 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150 Header, Breakaway, Vertical, 4 Circuits, 0.75um (30u") Select Gold (Au) Plating
75757-1332 MOLEX9-75757-1332 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 0.75關m (30關) Select Gold (Au) Plating, 11.20mm (.441) Mating Pin Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com