Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87568-2094 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87568-2094
Description  2.00mm (.079") Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Leadfree20 Circuits, 0.76mm (.030") Gold (Au) Selective Plating, with Center PolarizationKey and Locking Friction Ramp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87568-2094 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87568-2094 Datasheet HTML 1Page - Molex Electronics Ltd. 87568-2094 Datasheet HTML 2Page - Molex Electronics Ltd. 87568-2094 Datasheet HTML 3Page - Molex Electronics Ltd. 87568-2094 Datasheet HTML 4Page - Molex Electronics Ltd. 87568-2094 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0875682094
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Cable-to-Board Receptacle, Dual Row, IDT, Lead-
free, 20 Circuits, 0.76mm (.030") Gold (Au) Selective Plating, with Center Polarization
Key and Locking Friction Ramp
Documents:
3D Model
Product Specification PS-87568-004 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
87568
Crimp Quality Equipment
Yes
Product Name
Milli-Grid™
Use With
87569-1020 Strain Relief (Optional)
Physical
Circuits (Loaded)
20
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
28
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87568-004
Sales Drawing
SD-87568-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87568Series
Mates With
87831 Vertical PCB Header, 87832 Surface
Mount PCB Header, 87833 Right Angle PCB
Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
IDT Ribbon Cable
Adapter Kit For
2.00mm Milli-Grid™
0621002400
IDT - Manual -
Handtool
0621002000
Manual Press with
IDT Ribbon Cable
Tool Kit
0621002200


Similar Part No. - 87568-2094

ManufacturerPart #DatasheetDescription
logo
MolexKits
87568-2093 MOLEXKITS-87568-2093 Datasheet
40Kb / 3P
   Vertical Header and IDT Receptacle
logo
Molex Electronics Ltd.
87568-2093 MOLEX9-87568-2093 Datasheet
285Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Leadfree, 20 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com