Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76710-6108 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 76710-6108
Description  1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120Circuits, 85 Ohms, Tin/Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

76710-6108 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  76710-6108 Datasheet HTML 1Page - Molex Electronics Ltd. 76710-6108 Datasheet HTML 2Page - Molex Electronics Ltd. 76710-6108 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0767106108
Status:
Active
Description:
1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120
Circuits, 85 Ohms, Tin/Lead
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
76710
Application
Backplane
Comments
85 Ohms
Component Type
PCB Receptacle
Product Name
Tinman
Style
N/A
Physical
Circuits (Loaded)
120
Circuits (maximum)
120
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
8
Number of Pairs
5
Number of Rows
15
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.055 In
PCB Thickness Recommended (mm)
1.40 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.074 In
Pitch - Mating Interface (mm)
1.90 mm
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-65°C to +90°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Data Rate
10.0 Gbps
Shielded
No
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0063
Sales Drawing
SD-76710-608
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76710Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Tinman Dual Vertical
Header Press-In
Tool for 5-Pair by 8
Column Assemblies
0622018706


Similar Part No. - 76710-6108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76710-6110 MOLEX9-76710-6110 Datasheet
161Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Tin/Lead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com