Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850170074 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0850170074
Description  2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M(Hybrid type), Inverse Press-Fit, 0.6關m (24關") Gold (Au) Selective, 48 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850170074 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0850170074 Datasheet HTML 1Page - Molex Electronics Ltd. 0850170074 Datasheet HTML 2Page - Molex Electronics Ltd. 0850170074 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Plating min: Termination (µin)
16
Plating min: Termination (µm)
0.4
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1.5A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-85013-0002
Sales Drawing
603-6093-24, SD-85017-004
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0850170074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850170115 MOLEX9-0850170115 Datasheet
220Kb / 6P
   2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M (Hybrid type)
0850170153 MOLEX9-0850170153 Datasheet
84Kb / 3P
   2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M (Hybrid type), Inverse Press-Fit, 0.6關m (24關) Gold (Au) Selective , 80 Circuits
0850170220 MOLEX9-0850170220 Datasheet
103Kb / 3P
   2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M (Hybrid type), Inverse Press-Fit, 0.6關m (24關) Gold (Au) Selective, 32 Circuits
0850170359 MOLEX9-0850170359 Datasheet
99Kb / 3P
   2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M(Hybrid type), Inverse Press-Fit, 1關m (40關) Gold (Au) Selective
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com