Electronic Components Datasheet Search |
|
0757590001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0757590001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 06/04/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0757590001 Status: Obsolete Overview: sfp_stacked_connectors Description: Small Form-factor Pluggable (SFP) Stacked 2-by-2 Multi-Port Connector with Press-fit PC Tails, 80 Circuits Documents: Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family I/O Connectors Series 75759 Application Module-to-Board Component Type Receptacle Overview sfp_stacked_connectors Product Name SFP Type N/A Physical Boot Color N/A Circuits (Loaded) 80 Circuits (maximum) 80 Color - Resin Black Durability (mating cycles max) 100 Flammability 94V-0 Gender Female Lock to Mating Part Yes Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.081 In PC Tail Length (mm) 2.07 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.092 In PCB Thickness Recommended (mm) 2.36 mm Packaging Type Tray Panel Mount No Pitch - Mating Interface (in) 0.031 In Pitch - Mating Interface (mm) 0.80 mm Pitch - Term. Interface (in) 0.031 In Pitch - Term. Interface (mm) 0.80 mm Plating min: Mating (µin) 30.4 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 30.4 Plating min: Termination (µm) 0.76 Polarized to Mating Part Yes Polarized to PCB Yes Ports 4 Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 75759Series Use With 0759510999 SFP Dust Plug, Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # SFP Stacked Multi- Port Insertion Tool, 2 by 2 0622029970 SFP Stacked Multi- Port Extraction Tool, 2 by 2 0622029975 |
Similar Part No. - 0757590001 |
|
Similar Description - 0757590001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |