Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87664-2004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87664-2004
Description  6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??AC/DC Receptacle, Through Hole, Right Angle,31 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87664-2004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87664-2004 Datasheet HTML 1Page - Molex Electronics Ltd. 87664-2004 Datasheet HTML 2Page - Molex Electronics Ltd. 87664-2004 Datasheet HTML 3Page - Molex Electronics Ltd. 87664-2004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876642004
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal,
EXTreme PowerPlus™ AC/DC Receptacle, Through Hole, Right Angle,31 Circuits,
Power Beta 4, Signal 24, Power Alpha 3, Recessed Power Circuits Positions A2, A3,
Leadfree
Documents:
3D Model
Product Specification PS-87663-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Receptacles
Series
87664
Application
Board-to-Board
Comments
Recessed Power Circuit Position: A2,A3
Overview
extreme_powerplus_ssi
Product Literature Order No
987650-3002
Product Name
EXTreme PowerPlus™
Physical
Circuits (Loaded)
31
Circuits Detail
Power Beta 4, Signal 24, Power Alpha 3
Color - Resin
Black
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In, 0.300 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm, 7.62 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87664Series
Mates With
87663 PCB Header with Beveled Metal Pins


Similar Part No. - 87664-2004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87664-2000 MOLEX9-87664-2000 Datasheet
238Kb / 5P
   6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??AC/DC Receptacle, Through Hole, Right Angle,32 Circuits
87664-2001 MOLEX9-87664-2001 Datasheet
237Kb / 5P
   6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal,EXTreme PowerPlus??AC/DC Receptacle, Through Hole, Right Angle,33 Circuits,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com