Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79109-1052 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 79109-1052
Description  2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, without Cap, Tube
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

79109-1052 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  79109-1052 Datasheet HTML 1Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 2Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 3Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 4Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 5Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 6Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 7Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 8Page - Molex Electronics Ltd. 79109-1052 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0791091052
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount, Vertical, Top/Bottom
Entry, without Press-fit Plastic Pegs, without Cap, Tube, 0.76µm (30µ") Gold (Au)
Selective, 6 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-79107 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
79109
Application
Board-to-Board
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
6
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
No
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
260
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
79109Series
Mates With
87833 , 87832 , 87831 , 87758 , 87759 ,
87760


Similar Part No. - 79109-1052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79109-1051 MOLEX9-79109-1051 Datasheet
1Mb / 12P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/BottomEntry, without Press-fit Plastic Pegs, without Cap, Tube, 0.76關m (30關") Gold (Au)
79109-1053 MOLEX9-79109-1053 Datasheet
1Mb / 12P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, without Cap
79109-1054 MOLEX9-79109-1054 Datasheet
1Mb / 12P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry
79109-1055 MOLEX9-79109-1055 Datasheet
1Mb / 12P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, without Cap
79109-1056 MOLEX9-79109-1056 Datasheet
1Mb / 12P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, without Cap, Tube
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com