Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87667-5002 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 87667-5002
Description  6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Blade, 30 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87667-5002 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  87667-5002 Datasheet HTML 1Page - Molex Electronics Ltd. 87667-5002 Datasheet HTML 2Page - Molex Electronics Ltd. 87667-5002 Datasheet HTML 3Page - Molex Electronics Ltd. 87667-5002 Datasheet HTML 4Page - Molex Electronics Ltd. 87667-5002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 87667-5002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87667-5001 MOLEX9-87667-5001 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-Pb Header
87667-5004 MOLEX9-87667-5004 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-PbHeader, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 34 Circuits,
87667-5005 MOLEX9-87667-5005 Datasheet
302Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 24 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com