Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0757830135 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0757830135
Description  0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76關m (30關") Gold (Au), Through Hole Shell, Dual Key
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0757830135 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0757830135 Datasheet HTML 1Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 2Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 3Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 4Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 5Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 6Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 7Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 8Page - Molex Electronics Ltd. 0757830135 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-75783-001
Product Specification
PS-75783-001
Sales Drawing
SD-75783-001
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0757830135

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757830135 MOLEX1-0757830135_17 Datasheet
39Kb / 2P
   iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com