Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76693-3170 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 76693-3170
Description  0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 170 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

76693-3170 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  76693-3170 Datasheet HTML 1Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 2Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 3Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 4Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 5Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 6Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 7Page - Molex Electronics Ltd. 76693-3170 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0766933170
Status:
Active
Overview:
Description:
0.80 mm (.031") Pitch EdgeLine™ 12.5 Gbps Edge Card Connector, 170 Circuits, PCB
Mating Thickness 2.36mm (.093"), 1 Bay
Agency Certification
UL
E29179
General
Product Family
Edge Card Connectors
Series
76693
Component Type
Edgecard to PCB
Overview
edgeline_high_speed_connectors
Product Name
EdgeLine™
Physical
Circuits (Loaded)
170
Circuits (maximum)
170
Circuits Detail
All Signal
Color - Resin
Black
Durability (mating cycles max)
200
Entry Angle
Vertical
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.091 In
PC Tail Length (mm)
2.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.62 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.76
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
N/A
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-76693-900
Product Specification
PS-75594-999
Sales Drawing
SD-76693-100
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76693Series


Similar Part No. - 76693-3170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76693-1170 MOLEX9-76693-1170 Datasheet
1Mb / 13P
   0.80 mm (.031) Pitch EdgeLine??12.5 Gbps Edge Card Connector, 170 Circuits, PCB Mating Thickness 2.36mm (.093)
76693-2278 MOLEX-76693-2278 Datasheet
2Mb / 2P
   EdgeLineTM 12.5 Gbps Edge Card Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com