Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0873815000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0873815000
Description  2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.38關m (15關") Gold (Au) Plating, with Cap, without Locating Peg, 50 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0873815000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0873815000 Datasheet HTML 1Page - Molex Electronics Ltd. 0873815000 Datasheet HTML 2Page - Molex Electronics Ltd. 0873815000 Datasheet HTML 3Page - Molex Electronics Ltd. 0873815000 Datasheet HTML 4Page - Molex Electronics Ltd. 0873815000 Datasheet HTML 5Page - Molex Electronics Ltd. 0873815000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0873815000
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount, Top Entry, 0.38µm
(15µ") Gold (Au) Plating, with Cap, without Locating Peg, 50 Circuits, Tape and Reel,
Leadfree
Documents:
3D Model
Product Specification PS-87380-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87381
Application
Board-to-Board
Comments
With Cap
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to Mating Part
No
Polarized to PCB
No
Robotic Placement
Pick and Place Cap
Stackable
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.9A
Voltage - Maximum
125V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87381Series
Mates With
87758 Vertical, Through Hole, Stackable
PCB Header, 87759 Vertical, Surface
Mount, Stackable PCB Header, 87760
Right Angle, Through Hole, Stackable PCB
Header, 87831 Vertical, Through Hole PCB
Header, 87832 Vertical, Surface Mount PCB


Similar Part No. - 0873815000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0873815015 MOLEX9-0873815015 Datasheet
238Kb / 4P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 0.76um (30u") Gold (Au) Plating
0873815017 MOLEX9-0873815017 Datasheet
126Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.76關m (30關) Gold (Au) Plating, without Cap, with Locating Peg, 50 Circuits, Leadfree
0873815018 MOLEX9-0873815018 Datasheet
126Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.38關m (15關) Gold (Au) Plating, without Cap, with Locating Peg, 50 Circuits, Leadfree
0873815019 MOLEX9-0873815019 Datasheet
238Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.38關m (15關")Gold (Au) Plating, with Cap, with Locating Pegs, 50 Circuits, Lead-free, Tube
0873815063 MOLEX9-0873815063 Datasheet
327Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.76關m (30關) Gold (Au) Plating, with Cap, without Locating Pegs, 50 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com