Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0875872058 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0875872058
Description  1.27mm (.050") Pitch DIMM 8-Byte Socket, Low Profile (25째), Multi-Key, with Beveled Metal Pins and Plastic Peg, Center Function Key, 3.18mm (.125") Tail Length
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0875872058 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0875872058 Datasheet HTML 1Page - Molex Electronics Ltd. 0875872058 Datasheet HTML 2Page - Molex Electronics Ltd. 0875872058 Datasheet HTML 3Page - Molex Electronics Ltd. 0875872058 Datasheet HTML 4Page - Molex Electronics Ltd. 0875872058 Datasheet HTML 5Page - Molex Electronics Ltd. 0875872058 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0875872058
Status:
Active
Description:
1.27mm (.050") Pitch DIMM 8-Byte Socket, Low Profile (25°), Multi-Key, with Beveled
Metal Pins and Plastic Peg, Center Function Key, 3.18mm (.125") Tail Length, 0.38µm
(15µ") Gold (Au) Selective Plating, 168 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87587-007 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
87587
Component Type
Memory Module
JEDEC Outline
MO-161
Product Name
DIMM
Physical
Circuits (Loaded)
168
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
25° Angle
Function Key
Center
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
15, 15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
100, 101.6
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V
Voltage Key
3.3V, Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
260
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87587Series
Mates With
JEDEC MO-161 modules


Similar Part No. - 0875872058

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875872050 MOLEX9-0875872050 Datasheet
294Kb / 6P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Low Profile (25째), Multi-Key, with Beveled Metal Pins and Plastic Peg, Right Function Key, 2.79mm (.110) Tail Length
0875872057 MOLEX9-0875872057 Datasheet
294Kb / 6P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Low Profile (25째), Multi-Key, with Beveled Metal Pins and Plastic Peg, Left Function Key, 3.18mm (.125) Tail Length
0875872059 MOLEX9-0875872059 Datasheet
294Kb / 6P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Low Profile (25째), Multi-Key, with Beveled Metal Pins and Plastic Peg, Right Function Key, 3.18mm (.125) Tail Length
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com