Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0705530039 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0705530039
Description  2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 5 Circuits, Tin (Sn) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0705530039 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0705530039 Datasheet HTML 1Page - Molex Electronics Ltd. 0705530039 Datasheet HTML 2Page - Molex Electronics Ltd. 0705530039 Datasheet HTML 3Page - Molex Electronics Ltd. 0705530039 Datasheet HTML 4Page - Molex Electronics Ltd. 0705530039 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
A705530039
Reference - Drawing Numbers
Packaging Specification
PK-70873-0015, SPK-70873-0015
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70553-****
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0705530039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0705530036 MOLEX8-0705530036 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" PocketShrouded, 2 Circuits, Tin (Sn) Plating
0705530037 MOLEX8-0705530037 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" PocketShrouded, 3 Circuits, Tin (Sn) Plating
0705530038 MOLEX8-0705530038 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" Pocket,Shrouded, 4 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com