Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK09 Datasheet(PDF) 2 Page - Sanken electric

Part # EK09
Description  Schottky Barrier Diodes 90V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EK09 Datasheet(HTML) 2 Page - Sanken electric

  EK09 Datasheet HTML 1Page - Sanken electric EK09 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RK 19
10
20
60
30
40
50
0
1
5
50
10
20ms
0
25
50
75
100
150
125
0
0.3
0.6
0.9
1.2
1.5
RK 39
025
50
35
75
100
150
125
0
0.4
0.8
1.2
1.6
2.0
RK 49
60
80
100
120
140
160
0
1
2
3
4
5
VR=90V
10
20
40
30
0
1
5
50
10
20ms
10
20
40
30
50
0
1
5
50
10
20ms
0
0.2
0.4
0.6
0.8
1.0
1.2
20
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.2
1.0
1.4
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.2
1.0
50
10
1
0.1
0.01
0.001
Ta 125ºC
=
60ºC
100ºC
26ºC
040
100
120
20
60
80
100ºC
Ta 125ºC
=
60ºC
26ºC
10
1
0.1
0.01
0.001
Ta 125ºC
=
60ºC
100ºC
26ºC
040
100
120
20
60
80
100ºC
Ta 125ºC
=
60ºC
26ºC
50
10
1
0.1
0.01
0.001
040
100
120
20
60
80
50
10
1
0.1
0.01
0.001
Ta 125ºC
=
100ºC
60ºC
28ºC
100ºC
Ta 125ºC
=
60ºC
28ºC
D.C.
t / T 1/2
=
t / T 1/6
=
t / T 1/ 3
=
Sinewave
105
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating


Similar Part No. - EK09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EK09 ETC1-EK09 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
Cirrus Logic
EK09 APEX-EK09 Datasheet
224Kb / 4P
   EVALUATION KIT FOR TO-3 AND MO-127 PACKAGES
More results

Similar Description - EK09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EK19 ETC1-EK19 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
Sanken electric
FMB-G19L SANKEN-FMB-G19L Datasheet
36Kb / 2P
   Schottky Barrier Diodes 90V
SFPB-56 SANKEN-SFPB-56 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 60V, 90V
logo
Sanyo Semicon Device
SB0509V SANYO-SB0509V Datasheet
33Kb / 3P
   Schottky Barrier Diode 90V, 0.5A Rectifier
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com