Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0743370055 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0743370055
Description  0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, EnhancedShield, Press-Fit PCB Retention Option, 136 Circuits, with Screw Locks and Cover
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0743370055 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0743370055 Datasheet HTML 1Page - Molex Electronics Ltd. 0743370055 Datasheet HTML 2Page - Molex Electronics Ltd. 0743370055 Datasheet HTML 3Page - Molex Electronics Ltd. 0743370055 Datasheet HTML 4Page - Molex Electronics Ltd. 0743370055 Datasheet HTML 5Page - Molex Electronics Ltd. 0743370055 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
Screw Hole
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74337-001
Product Specification
PS-71425-9999
Sales Drawing
SD-74337-014
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0743370055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743370050 MOLEX8-0743370050 Datasheet
677Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 68 Circuits, 3.18mm (.125") PCTail Length
0743370051 MOLEX8-0743370051 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith or without Enhanced Shield, Version 4 Footprint, 136 Circuits
0743370052 MOLEX8-0743370052 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra VHDCI Receptacle, Stacked, Right Angle, Enhanced Shield
0743370053 MOLEX8-0743370053 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Enhanced Shield, Stacked, RightAngle, Four Press-Fit Boardlocks, 136 Circuits, PC Tail Length 2.30mm (.091")
0743370054 MOLEX8-0743370054 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith or without Enhanced Shield, Version 4 Footprint, 136 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com