Electronic Components Datasheet Search |
|
678005002 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
678005002 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0678005002 Status: Active Overview: serial_ata_products Description: 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch, 7 Circuits, 0.76µm (30µ") Gold (Au) Plating, for 1.60mm (.063") PCB, with PCB Locator Pegs, Lead-free Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR 19980 UL E29179 General Product Family PCB Headers Series 67800 Application Board-to-Board, Wire-to-Board Comments Staggered Solder Pin|Metal Post Length 2.65mm (.104") Overview serial_ata_products Product Name Serial ATA Physical Breakaway No Circuits (Loaded) 7 Circuits (maximum) 7 Color - Resin Black Durability (mating cycles max) 50 First Mate / Last Break Yes Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 1 Orientation Vertical PCB Locator Yes PCB Retention Yes Packaging Type Tray Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Pitch - Term. Interface (in) 0.050 In Pitch - Term. Interface (mm) 1.27 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 75 Plating min: Termination (µm) 1.9 Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Fully Stackable No Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 67800Series |
Similar Part No. - 678005002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |