Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0740572502 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0740572502
Description  2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0740572502 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0740572502 Datasheet HTML 1Page - Molex Electronics Ltd. 0740572502 Datasheet HTML 2Page - Molex Electronics Ltd. 0740572502 Datasheet HTML 3Page - Molex Electronics Ltd. 0740572502 Datasheet HTML 4Page - Molex Electronics Ltd. 0740572502 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 0740572502

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740572501 MOLEX8-0740572501 Datasheet
279Kb / 5P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
0740572503 MOLEX8-0740572503 Datasheet
279Kb / 5P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, 25 Columns
0740572504 MOLEX8-0740572504 Datasheet
279Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row,Open Signal Module, 150 Circuits, 25 Columns, Pin Length 5.15mm (.203"), 0.76關m
0740572504 MOLEX1-0740572504 Datasheet
29Kb / 2P
   VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6-Rows, Open Signal Module, 150 Circuits, 25 Columns, Pin Length 5.15mm, 0.76m
0740572504 MOLEX1-0740572504_18 Datasheet
29Kb / 2P
   VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6-Rows, Open Signal Module, 150 Circuits, 25 Columns, Pin Length 5.15mm, 0.76m
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com