Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0702871244 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0702871244
Description  2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 100 Circuits, 6.10mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871244 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0702871244 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871244 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871244 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871244 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871244 Datasheet HTML 5Page - Molex Electronics Ltd. 0702871244 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 0702871244

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871240 MOLEX8-0702871240 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 92 Circuits
0702871241 MOLEX8-0702871241 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 94 Circuits, 6.10mm (.240")
0702871242 MOLEX8-0702871242 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 96 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871243 MOLEX8-0702871243 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 98 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871245 MOLEX8-0702871245 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 4 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com