Electronic Components Datasheet Search |
|
73800-0200 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
73800-0200 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0738000200 Status: Active Overview: hdm Description: 2.00mm (.079") Pitch HDM® Board-to-Board Midplane Header, Vertical, SMC, Press- Fit, Long Pin, Open End Option, 72 Circuits Documents: 3D Model Product Specification PS-73780-999 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Test Summary (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Backplane Connectors Series 73800 Application Midplane Component Type PCB Header Overview hdm Product Name HDM® Style N/A Physical Circuits (Loaded) 72 Circuits (maximum) 72 Color - Resin Black, Natural Durability (mating cycles max) 250 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part No Keying to Mating Part None Material - Plating Mating Gold Material - Plating Termination Gold Material - Resin High Temperature Thermoplastic Number of Columns 12 Number of Pairs Open Pin Field Number of Rows 6 Orientation Vertical PC Tail Length (in) 0.453 In PC Tail Length (mm) 11.50 mm PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.157 In PCB Thickness Recommended (mm) 4.00 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 2 Plating min: Termination (µm) 0.05 Polarized to PCB No Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 73800Series Mates With 73632 HDM PLUS® Board-to-Board Daughtercard Receptacle. 73780 HDM® Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for Pneumatic Press 0622013700 |
Similar Part No. - 73800-0200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |