Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0740650001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0740650001
Description  1.27mm (.050") Pitch GBIC Receptacle; EBBI™ 50D Receptacle, Right Angle SCA-2, 20 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0740650001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0740650001 Datasheet HTML 1Page - Molex Electronics Ltd. 0740650001 Datasheet HTML 2Page - Molex Electronics Ltd. 0740650001 Datasheet HTML 3Page - Molex Electronics Ltd. 0740650001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740650001
Status:
Active
Description:
1.27mm (.050") Pitch GBIC Receptacle; EBBI™ 50D Receptacle, Right Angle
SCA-2, 20 Circuits
Documents:
3D Model
Product Specification PS-73826-0000 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
74065
Application
Board-to-Board
Component Type
Receptacle
Product Name
GBIC
Type
N/A
Physical
Circuits (Loaded)
20
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Gender
Receptacle
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Retention
Yes
PCB Thickness Recommended (in)
0.080 In
PCB Thickness Recommended (mm)
2.00 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74065Series


Similar Part No. - 0740650001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740650005 MOLEX8-0740650005 Datasheet
292Kb / 4P
   1.27mm (.050") Pitch GBIC Receptacle EBBI™ 50D Receptacle, Right Angle SCA-2, 20 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com