Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70545-0037 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 70545-0037
Description  2.54mm (.100") Pitch SL Header, Single Row .120" Pocket Vertical, Shrouded, with Press-fir Plastic Peg
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

70545-0037 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  70545-0037 Datasheet HTML 1Page - Molex Electronics Ltd. 70545-0037 Datasheet HTML 2Page - Molex Electronics Ltd. 70545-0037 Datasheet HTML 3Page - Molex Electronics Ltd. 70545-0037 Datasheet HTML 4Page - Molex Electronics Ltd. 70545-0037 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Old Part Number
A-70545-0037
Reference - Drawing Numbers
Packaging Specification
PK-70873-0014
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70545-****
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 70545-0037

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70545-0036 MOLEX8-70545-0036 Datasheet
263Kb / 5P
   2.54mm (.100") Pitch SL??Header, Single Row .120" Pocket Vertical, Shrouded, withPress-fir Plastic Peg, 2 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC
70545-0038 MOLEX8-70545-0038 Datasheet
263Kb / 5P
   2.54mm (.100") Pitch SL??Header, Single Row .120" Pocket Vertical, Shrouded, withPress-fir Plastic Peg, 4 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC
70545-0039 MOLEX8-70545-0039 Datasheet
263Kb / 5P
   2.54mm (.100") Pitch SL Header, Single Row .120" Pocket Vertical, Shrouded, with Press-fir Plastic Peg
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com