Electronic Components Datasheet Search |
|
MI-PC2RY-IV Datasheet(PDF) 1 Page - Vicor Corporation |
|
MI-PC2RY-IV Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 4 page Product Highlights The MI-ComPAC is a complete single, dual, or triple output DC-DC power supply that delivers up to 300W from inputs of 28Vdc or 270Vdc. The MI-ComPAC meets the conducted emissions and conducted susceptibility specifications of MIL-STD-461C/D/E and offers complete input transient, surge, and spike protection to the most severe levels of MIL-STD-1275A, 704A. Reverse polarity protection and over/undervoltage lockout provide additional safeguards against potentially damaging line conditions. The MI-ComPAC also features a master disable. Inputs: 28Vdc per MIL-STD-704A, MIL-STD-1275A 270Vdc per MIL-STD-704D/E Outputs: 1 to 3, 2 to 48Vdc Up to 5W/in3 MIL-STD-461C/D/E EMI compliance High efficiency Remote sense ZVS/ZCS power architecture Low noise FM control Reverse polarity protection Size — 1- up: 8.6" x 2.5" x 0.99" (219,2 x 64,5 x 25,1mm) Size — 2- up: 8.6" x 4.9" x 0.99" (219,2 x 126,0 x 25,1mm) Size — 3- up: 8.6" x 7.3" x 0.99" (219,2 x 187,45 x 25,1mm) Output Power/Current ≥5V <5V S = 300W — P = — 90A Output Power/Current ≥5V <5V V = 150W 30A U = 200W — S = — 60A Output Power/Current ≥5V <5V Y = 50W 10A X = 75W 15A W = 100W 20A V = — 30A Product Grade I = –40°C to +85°C M = –55°C to +85°C Input Voltage Nominal Range 2 =28Vdc 18 – 50V 6 =270Vdc 125 – 400V (1) Number of Single Output Modules MI-LC – 50 – 100W 8.6" x 2.5" x 0.99" 1 MI-MC – 150 – 200W 8.6" x 4.9" x 0.99" 2 MI-NC – 300W 8.6" x 7.3" x 0.99" 3 Dual Output MI-PC – 100 – 200W 8.6" x 4.9" x 0.99" 2 MI-QC – 200 – 300W 8.6" x 7.3" x 0.99" 3 Triple Output MI-RC – 150 – 300W 8.6" x 7.3" x 0.99" 3 MI-ComPAC TM Military DC-DC Power Supplies (1) These units rated at 75% load from 125-150Vin: 5Vout @ 100W; 2Vout and 3.3Vout @ 30A. Features Configuration Chart Output Voltage Z = 2V T = 6.5V N = 18.5V Y = 3.3V R = 7.5V 3 = 24V 0 = 5V M = 10V L = 28V X = 5.2V 1 = 12V J = 36V W= 5.5V P = 13.8V K = 40V V = 5.8V 2 = 15V 4 = 48V Conduction Cooled Models Available Add "-CC" to the end of the part number. (Consult factory for details.) MI-ComPAC 11/02 1 of 4 |
Similar Part No. - MI-PC2RY-IV |
|
Similar Description - MI-PC2RY-IV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |