Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71308-5432 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 71308-5432
Description  2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 32 Circuits, 1.50um (59u") Minimum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71308-5432 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  71308-5432 Datasheet HTML 1Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 2Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 3Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 4Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 5Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 6Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 7Page - Molex Electronics Ltd. 71308-5432 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


Similar Part No. - 71308-5432

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71308-5430 MOLEX8-71308-5430 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 30 Circuits1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, without PCB Locator
71308-5434 MOLEX8-71308-5434 Datasheet
1Mb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 94 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
71308-5438 MOLEX8-71308-5438 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 38 Circuits, 1.50關m (59u") Minimum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com