Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

68783-0008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 68783-0008
Description  DisplayPort*-to-DisplayPort* Cable Assembly without Latches, 2.0m (6.56 ) Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

68783-0008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  68783-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 68783-0008 Datasheet HTML 2Page - Molex Electronics Ltd. 68783-0008 Datasheet HTML 3Page - Molex Electronics Ltd. 68783-0008 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0687830008
Status:
Active
Overview:
displayport
Description:
DisplayPort*-to-DisplayPort* Cable Assembly without Latches, 2.0m (6.56' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-68783-001 (PDF)
General
Product Family
Cable Assemblies
Series
68783
Connector to Connector
DisplayPort* Both Ends
Overview
displayport
Product Name
DisplayPort*
Physical
Cable Length
2.0m (6.56' )
Circuits (Loaded)
20
Color - Resin
Black
Gender
Male-Male
Lock to Mating Part
No
Material - Metal
Brass, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
ABS Alloy, High Temperature Thermoplastic
Packaging Type
Bag
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.8
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Single Ended
No
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
30
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
0.5A
Impedance
100 ohms
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Product Specification
PS-68783-001
Sales Drawing
SD-68783-005
*DisplayPort is a Trademark of VESA
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68783Series
Mates With
47272 DisplayPort* Receptacle
This document was generated on 05/27/2010


Similar Part No. - 68783-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68783-0001 MOLEX8-68783-0001 Datasheet
160Kb / 4P
   DisplayPort-to-DisplayPort Cable Assembly with Latches, 3.0m (9.84 ) Length
68783-0002 MOLEX8-68783-0002 Datasheet
165Kb / 4P
   DisplayPort-to-DisplayPort* Cable Assembly without Latches, 3.0m (9.84 ) Length
68783-0004 MOLEX8-68783-0004 Datasheet
239Kb / 4P
   DisplayPort-to-DisplayPort Cable Assembly with Latches, 15.0m (49.21 ) Length, AWG28 Thin
logo
MolexKits
68783-0007 MOLEXKITS-68783-0007 Datasheet
38Kb / 2P
   I/O Plug, Receptacle and Cable
logo
Molex Electronics Ltd.
68783-0007 MOLEX8-68783-0007 Datasheet
159Kb / 4P
   DisplayPort-to-DisplayPort Cable Assembly with Latches, 2.0m (6.56 ) Length
More results

Similar Description - 68783-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687830007 MOLEX8-0687830007 Datasheet
159Kb / 4P
   DisplayPort-to-DisplayPort Cable Assembly with Latches, 2.0m (6.56 ) Length
0687830002 MOLEX8-0687830002 Datasheet
165Kb / 4P
   DisplayPort-to-DisplayPort* Cable Assembly without Latches, 3.0m (9.84 ) Length
0687830001 MOLEX8-0687830001 Datasheet
160Kb / 4P
   DisplayPort-to-DisplayPort Cable Assembly with Latches, 3.0m (9.84 ) Length
0687850006 MOLEX8-0687850006 Datasheet
189Kb / 3P
   Mini DisplayPort(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 2.0m (6.56), Leadfree
0687850003 MOLEX8-0687850003 Datasheet
237Kb / 3P
   Mini DisplayPort(Plug)-to-DisplayPort(Plug) Cable Assembly, 2.0m (6.56), Lead-free
0687830004 MOLEX8-0687830004 Datasheet
239Kb / 4P
   DisplayPort-to-DisplayPort Cable Assembly with Latches, 15.0m (49.21 ) Length, AWG28 Thin
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
   DisplayPort*-to-DisplayPort* Cable Assembly
0687830079 MOLEX1-0687830079 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 2.0m Length, Black
0687830079 MOLEX10-0687830079_V01 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 2.0m Length, Black
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
   DisplayPort to DisplayPort Cable - 6ft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com