Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0744410007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0744410007
Description  0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.38關m (15關") Gold (Au)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0744410007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0744410007 Datasheet HTML 1Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 2Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 3Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 4Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 5Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 6Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 7Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 8Page - Molex Electronics Ltd. 0744410007 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0744410007
Status:
Active
Overview:
x2__xenpak__xpak_host_connector
Description:
0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30
Circuits, 0.38µm (15µ") Gold (Au)
Documents:
3D Model
Product Specification PS-74441-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
74441
Application
Module-to-Board
Component Type
Receptacle
Overview
x2__xenpak__xpak_host_connector
Product Name
Z-Axis Pluggable
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
30
Circuits (maximum)
30
Circuits Detail
30
Color - Resin
Black
Durability (mating cycles max)
200
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
No
Ports
1
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74441Series
Mates With
XFP Modules


Similar Part No. - 0744410007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0744410001 MOLEX8-0744410001 Datasheet
817Kb / 15P
   0.80mm (.031") Pitch SFP, SFP Plus (SFP) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.38關m (15關") Gold (Au)
0744410001 MOLEX1-0744410001_17 Datasheet
50Kb / 2P
   0.80mm Pitch SFP, SFP Plus (SFP) Host Connector, Z-Axis Pluggable, Right Angle
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com