Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71660-7508 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71660-7508
Description  1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 80 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71660-7508 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71660-7508 Datasheet HTML 1Page - Molex Electronics Ltd. 71660-7508 Datasheet HTML 2Page - Molex Electronics Ltd. 71660-7508 Datasheet HTML 3Page - Molex Electronics Ltd. 71660-7508 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0716607508
Status:
Active
Description:
1.27mm (.050") Pitch EBBI™ 50D Receptacle, Vertical, Blind-Mate, 80 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71660
Application
Board-to-Board
Comments
Circuits 1, 36-43, 45, 46, and 75-80 are advanced
terminals for sequential first-mate/last-break mating
Product Name
EBBI™
Physical
Circuits (Loaded)
80
Color - Resin
Black
Durability (mating cycles max)
2,000
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.79 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
10
Plating min: Termination (µm)
0.25
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71660Series
Mates With
71661-7xxx , 71661-25xx


Similar Part No. - 71660-7508

ManufacturerPart #DatasheetDescription
logo
MolexKits
71660-7030 MOLEXKITS-71660-7030 Datasheet
38Kb / 2P
   BMI PCB Vertical Plug and Receptacle 2.79mm Tail length
logo
Molex Electronics Ltd.
71660-7030 MOLEX8-71660-7030 Datasheet
219Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical, Blind-Mate, 30 Circuits
logo
MolexKits
71660-7040 MOLEXKITS-71660-7040 Datasheet
38Kb / 2P
   BMI PCB Vertical Plug and Receptacle 2.79mm Tail length
logo
Molex Electronics Ltd.
71660-7040 MOLEX8-71660-7040 Datasheet
219Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 40 Circuits
logo
MolexKits
71660-7050 MOLEXKITS-71660-7050 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com