Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0705750082 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0705750082
Description  2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shroudedwith Press-fit Plastic Peg, 13 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0705750082 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0705750082 Datasheet HTML 1Page - Molex Electronics Ltd. 0705750082 Datasheet HTML 2Page - Molex Electronics Ltd. 0705750082 Datasheet HTML 3Page - Molex Electronics Ltd. 0705750082 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0017
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70575-****
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0705750082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0705750080 MOLEX8-0705750080 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shroudedwith Press-fit Plastic Peg, 11 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705750081 MOLEX8-0705750081 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded,with Press-fit Plastic Peg, 12 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705750083 MOLEX8-0705750083 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shroudedwith Press-fit Plastic Peg, 14 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705750084 MOLEX8-0705750084 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shroudedwith Press-fit Plastic Peg, 15 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705750085 MOLEX8-0705750085 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shroudedwith Press-fit Plastic Peg, 16 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com