Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0702871079 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0702871079
Description  2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 64 Circuits, 8.13mm (.320") Mating Pin Length, Tin (Sn) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871079 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0702871079 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871079 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871079 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871079 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871079 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
70287
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2010-0011
B1
DATE:
3/2/2010
TITLE:
SALES ASS’Y – HIGH TEMP.
DUAL ROW, .025” SQ PINS
.100” GRID W/ RET. PINS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-70287-003
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-70287-1049 / 1097
DIM. C
(8.13) / .320
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(13.59) / .535
MATING SIDE PLATING
TIN
DIM. D (MEASURE PT.)
(4.57) / .180
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
SEE NOTE 6, SHEET 1
PACKAGING
BULK - PK-70873-0353
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
04
70287-1049
54
70287-1074
06
70287-1050
56
70287-1075
08
70287-1051
58
70287-1076
10
70287-1052
60
70287-1077
12
70287-1053
62
70287-1078
14
70287-1054
64
70287-1079
16
70287-1055
66
70287-1080
18
70287-1056
68
70287-1081
20
70287-1057
70
70287-1082
22
70287-1058
72
70287-1083
24
70287-1059
74
70287-1084
26
70287-1060
76
70287-1085
28
70287-1061
78
70287-1086
30
70287-1062
80
70287-1087
32
70287-1063
82
70287-1088
34
70287-1064
84
70287-1089
36
70287-1065
86
70287-1090
38
70287-1066
88
70287-1091
40
70287-1067
90
70287-1092
42
70287-1068
92
70287-1093
44
70287-1069
94
70287-1094
46
70287-1070
96
70287-1095
48
70287-1071
98
70287-1096
50
70287-1072
100
70287-1097
52
70287-1073
ENG. NO: A-70287-1147 / 1195
DIM. C
(8.13) / .320
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(13.59) / .535
MATING SIDE PLATING
15 GOLD
DIM. D (MEASURE PT.)
(4.57) / .180
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
SEE NOTE 6, SHEET 1
PACKAGING
BULK - PK-70873-0353
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
04
70287-1147
54
70287-1172
06
70287-1148
56
70287-1173
08
70287-1149
58
70287-1174
10
70287-1150
60
70287-1175
12
70287-1151
62
70287-1176
14
70287-1152
64
70287-1177
16
70287-1153
66
70287-1178
18
70287-1154
68
70287-1179
20
70287-1155
70
70287-1180
22
70287-1156
72
70287-1181
24
70287-1157
74
70287-1182
26
70287-1158
76
70287-1183
28
70287-1159
78
70287-1184
30
70287-1160
80
70287-1185
32
70287-1161
82
70287-1186
34
70287-1162
84
70287-1187
36
70287-1163
86
70287-1188
38
70287-1164
88
70287-1189
40
70287-1165
90
70287-1190
42
70287-1166
92
70287-1191
44
70287-1167
94
70287-1192
46
70287-1168
96
70287-1193
48
70287-1169
98
70287-1194
50
70287-1170
100
70287-1195
52
70287-1171


Similar Part No. - 0702871079

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871070 MOLEX8-0702871070 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 46 Circuits, 8.13mm (.320") Mating Pin Length, Tin (Sn) Plating
0702871071 MOLEX8-0702871071 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 48 Circuits, 8.13mm (.320") Mating Pin Length, Tin (Sn) Plating
0702871072 MOLEX8-0702871072 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 50 Circuits, 8.13mm
0702871073 MOLEX8-0702871073 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 52 Circuits
0702871074 MOLEX8-0702871074 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 54 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com